Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSDA5V2W5 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJSDA5V2W5
Description  QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSDA5V2W5 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJSDA5V2W5 Datasheet HTML 1Page - Pan Jit International Inc. PJSDA5V2W5 Datasheet HTML 2Page - Pan Jit International Inc. PJSDA5V2W5 Datasheet HTML 3Page - Pan Jit International Inc. PJSDA5V2W5 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-OCT.17.2007
PJSDA5V2W5 SERIES
0.1
1
10
100
1000
10
1
0.1
0.01
Pulse Duration-t ( s)
P
m
Pulse Duration-t ( s)
P
m
0
25
50
75
100
125
150
110
100
90
80
70
60
50
40
30
20
10
0
Ambient Temperature-T ( C)
A
o
Ambient Temperature-T ( C)
A
o
0
5
10
15
20
25
30
110
100
90
80
70
60
50
40
30
20
10
0
Time( s)
m
Time( s)
m
FIG.1 Non-Repetitive Peak Pulse
Power vs. Pulse Time
FIG.1 Non-Repetitive Peak Pulse
Power vs. Pulse Time
FIG.2 Power Derating Curve
FIG.3 Pulse Waveform
Waveform Parameters
tr=8 s,td=20 s
mm
e
-t
td=Ipp/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com