Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSDA5V2W5 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSDA5V2W5
Description  QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSDA5V2W5 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSDA5V2W5 Datasheet HTML 1Page - Pan Jit International Inc. PJSDA5V2W5 Datasheet HTML 2Page - Pan Jit International Inc. PJSDA5V2W5 Datasheet HTML 3Page - Pan Jit International Inc. PJSDA5V2W5 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-OCT.17.2007
PJSDA5V2W5 SERIES
ELECTRICAL CHARACTERISTICS (TJ=25oC)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
O
I
T
I
D
N
O
C.
N
I
M.
P
Y
T.
X
A
MT
I
N
U
5
W
2
V
5
A
D
S
J
P
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV WRM
--
3
.
3V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV BR
IBR
A
m
1
=3
.
56
.
58
8
.
5V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
V R
V
3
.
3
=-
-
1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV C
I PP
A
0
1
=-
-
0
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC J
O
/
I
n
e
e
w
t
e
b
Z
H
M
1
=
f
,
c
d
V
0
D
N
G
d
n
a
s
e
n
i
l
-0
4
2-
F
p
5
W
8
V
5
A
D
S
J
P
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV WRM
--
3
.
4V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV BR
IBR
A
m
1
=9
.
52
.
61
5
.
6V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
V R
V
3
.
4
=-
-
1
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV C
I PP
A
0
1
=-
-
1
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC J
O
/
I
n
e
e
w
t
e
b
Z
H
M
1
=
f
,
c
d
V
0
D
N
G
d
n
a
s
e
n
i
l
-0
2
2-
F
p
5
W
1
V
6
A
D
S
J
P
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV WRM
--
5
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV BR
IBR
A
m
1
=2
.
68
.
64
0
.
7V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
V R
V
0
.
5
=-
-
5
µA
0
2
/
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ )
sV C
I PP
A
0
1
=-
-
2
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC J
O
/
I
n
e
e
w
t
e
b
Z
H
M
1
=
f
,
c
d
V
0
D
N
G
d
n
a
s
e
n
i
l
-0
8
1-
F
p
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
GND
GND
GND
GND
Bi-directional Protecton
Uni-directional Protection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com