Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMSO5 Datasheet (PDF) - Pan Jit International Inc.

PJSMSO5 Datasheet PDF - Pan Jit International Inc.
Part # PJSMSO5
Download  PJSMSO5 Download
File Size   76.04 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION

PJSMSO5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSMSO5 Datasheet PDF - Pan Jit International Inc.

Part # PJSMSO5
Download  PJSMSO5 Click to download

File Size   76.04 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION

PJSMSO5 Datasheet (HTML) - Pan Jit International Inc.


PJSMSO5 Product details

This Quad TVS/Zener Array has been designed to Protect Sensitive Equipment against Electrostatic Discharge and preventing Latch-Up events, as well to offer a Minimum Insertion Loss in Data Transmission Lines in Communications Ports used in Portable Consumer, Computing and Networking Applications operating at 5Vdc. The integration of 4 TVS in a single package gives ESD and Transient Protection to four data lines, offering a substantial board space reduction.



SPECIFICATION FEATURES

• Improved Low Leakage Current, Maximum of 5µA @ 5Vdc

• Maximum Capacitance @ 0Vdc of 200pF

• IEC 61000-4-2 ESD 15kV air, 8kV contact Compliance

• IEC 61000-4-5 Lightning 24 Amps peak, 8x20µsec Waveform

• Industry Standard SMT Package SOT23-6 Lead



APPLICATIONS

• SIM Card Port (Mobile Phones)

• Personal Digital Assistant (PDAs)

• Serial or Parallel Ports in PCs (RS-485, Centronics, RS232C, etc)

• Portable Instrumentation

• Microprocessor Interface Ports



 




Similar Part No. - PJSMSO5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSMS05 PANJIT-PJSMS05 Datasheet
85Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C_09 Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Similar Description - PJSMSO5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJCLAMP0504A PANJIT-PJCLAMP0504A Datasheet
63Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6 Datasheet
54Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQMS05 PANJIT-PJQMS05 Datasheet
83Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_06 Datasheet
64Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05 Datasheet
85Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6_09 Datasheet
61Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_09 Datasheet
242Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05C PANJIT-PJSMDA05C Datasheet
241Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05_09 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com