Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMS05 Datasheet (PDF) - Pan Jit International Inc.

PJSMS05 Datasheet PDF - Pan Jit International Inc.
Part # PJSMS05
Download  PJSMS05 Download
File Size   85.44 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION

PJSMS05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSMS05 Datasheet PDF - Pan Jit International Inc.

Part # PJSMS05
Download  PJSMS05 Click to download

File Size   85.44 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION

PJSMS05 Datasheet (HTML) - Pan Jit International Inc.


PJSMS05 Product details

This Quad TVS/Zener Array family have been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 5V, 12V, 15V and 24V. This TVS array offers an integrated solution to protect up to 4 data lines where the board space is a premium.



SPECIFICATION FEATURES

350W Power Dissipation (8/20µs Waveform)

Low Leakage Current, Maximum of 5µA at rated voltage

IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance

Very Low Clamping Voltage

Industry Standard Surface Mount Package SOT23-6L

100% Tin Matte Finish (RoHS Compliance)



APPLICATIONS

Personal Digital Assistant (PDA)

SIM Card Port Protection (Mobile Phone)

Portable Instrumentation

Mobile Phones and Accessories

Memory Card Port Protection




Similar Part No. - PJSMS05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSMS05 PANJIT-PJSMS05 Datasheet
76Kb / 3P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C_09 Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Similar Description - PJSMS05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJCLAMP0504A PANJIT-PJCLAMP0504A Datasheet
63Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6 Datasheet
54Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQMS05 PANJIT-PJQMS05 Datasheet
83Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_06 Datasheet
64Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMSO5 PANJIT-PJSMSO5 Datasheet
76Kb / 3P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6_09 Datasheet
61Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_09 Datasheet
242Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05C PANJIT-PJSMDA05C Datasheet
241Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05_09 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com