Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMSO5 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSMSO5
Description  QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSMSO5 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSMSO5 Datasheet HTML 1Page - Pan Jit International Inc. PJSMSO5 Datasheet HTML 2Page - Pan Jit International Inc. PJSMSO5 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE 2
DATE : DEC.16.2002
PJSMS05
RATING AND CHARACTERISTIC CURVES
0
80
100
120
140
160
180
200
220
Vdc, Volts
12
3
4
5
Off-State Capacitance vs Biasing Voltage
Pulse Waveform
5
010
15
20
25
30
110
100
90
80
70
60
50
40
30
20
10
0
time,
sec
m
Rise time 10-90% - 8 s
m
50% of Ipp @ 20 s
m
68
10
12
14
16
Clamping Voltage, Volts
26
24
22
20
18
16
14
12
10
8
6
4
2
0
TA = 25 C
O
Typical Clamping Voltage vs Ipk 8x20 sec
m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com