Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMSO5 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSMSO5
Description  QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSMSO5 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSMSO5 Datasheet HTML 1Page - Pan Jit International Inc. PJSMSO5 Datasheet HTML 2Page - Pan Jit International Inc. PJSMSO5 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE 1
DATE : DEC.16.2002
PJSMS05
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
SPECIFICATION FEATURES
• Improved Low Leakage Current, Maximum of 5
µA @ 5Vdc
• Maximum Capacitance @ 0Vdc of 200pF
• IEC 61000-4-2 ESD 15kV air, 8kV contact Compliance
• IEC 61000-4-5 Lightning 24 Amps peak, 8x20
µsec Waveform
• Industry Standard SMT Package SOT23-6 Lead
MAXIMUM RATINGS
This Quad TVS/Zener Array has been designed to Protect Sensitive Equipment
against Electrostatic Discharge and preventing Latch-Up events, as well to offer a
Minimum Insertion Loss in Data Transmission Lines in Communications Ports
used in Portable Consumer, Computing and Networking Applications operating at 5Vdc.
The integration of 4 TVS in a single package gives ESD and Transient Protection to
four data lines, offering a substantial board space reduction.
APPLICATIONS
• SIM Card Port (Mobile Phones)
• Personal Digital Assistant (PDA's)
• Serial or Parallel Ports in PC's (RS-485, Centronics, RS232C, etc)
• Portable Instrumentation
• Microprocessor Interface Ports
ELECTRICAL CHARACTERISTICS
SOT23-6L
12
3
6
54
g
n
i
t
a
R
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
0
2
x
8
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ
)
m
r
o
f
e
v
a
W
c
e
s
k
p
P
0
5
3
W
0
2
x
8
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
µ c
e
sp
p
I4
2A
)
M
B
H
(
e
g
a
t
l
o
V
D
S
E
d
s
e
V
5
2
>
V
k
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
L
T5
2
1
+
o
t
5
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
g
t
s
T
0
5
1
+
o
t
5
5
-
OC
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
s
n
o
i
t
i
d
n
o
C
.
n
i
M
l
a
c
i
p
y
T
.
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
M
R
W
V
5
s
t
l
o
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RR
B
VA
m
1
=
R
B
I6
s
t
l
o
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
R
I
V
5
=
M
W
R
V
5
2
=
A
T
OC
5
µA
e
g
a
t
l
o
V
g
n
i
p
m
a
l
Cc
V
A
5
=
p
p
I
0
2
x
8
µ c
e
s
5
.
9s
t
l
o
V
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
c
V
A
4
2
=
p
p
I
0
2
x
8
µ c
e
s
3
1
s
t
l
o
V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
-
f
f
Oj
C
z
H
M
1
=
f
,
V
0
=
c
d
V
d
n
a
s
n
i
P
O
/
I
n
e
e
w
t
e
B
)
5
r
o
2
n
i
P
(
d
n
G
0
0
2F
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
-
f
f
O
j
C
z
H
M
1
=
f
,
V
5
=
c
d
V
d
n
a
s
n
i
P
O
/
I
n
e
e
w
t
e
B
)
5
r
o
2
n
i
P
(
d
n
G
0
1
1
F
p


Similar Part No. - PJSMSO5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSMS05 PANJIT-PJSMS05 Datasheet
85Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C_09 Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results

Similar Description - PJSMSO5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJCLAMP0504A PANJIT-PJCLAMP0504A Datasheet
63Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6 Datasheet
54Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQMS05 PANJIT-PJQMS05 Datasheet
83Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_06 Datasheet
64Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05 Datasheet
85Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6_09 Datasheet
61Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_09 Datasheet
242Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05C PANJIT-PJSMDA05C Datasheet
241Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05_09 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com