Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL213 Datasheet (PDF) - Analog Devices

ADXL213 Datasheet PDF - Analog Devices
Part # ADXL213
Download  ADXL213 Download
File Size   359.51 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 1.2 g Dual Axis Accelerometer

ADXL213 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL213 Datasheet PDF - Analog Devices

Part # ADXL213
Download  ADXL213 Click to download

File Size   359.51 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 1.2 g Dual Axis Accelerometer

ADXL213 Datasheet (HTML) - Analog Devices


ADXL213 Product details

GENERAL DESCRIPTION

The ADXL213 is a low cost, low power, complete dual axis accelerometer with signal conditioned, duty cycle modulated outputs, all on a single monolithic IC. The ADXL213 measures acceleration with a full-scale range of ±1.2 g (typical). The ADXL213 can measure both dynamic acceleration (e.g., vibration) and static acceleration (e.g., gravity).



FEATURES

Dual axis accelerometer on a single IC chip

5 mm × 5 mm × 2 mm LCC package

1 mg resolution at 60 Hz

Low power: 700 µA at VS = 5 V (typical)

High zero g bias stability

High sensitivity accuracy

Pulse width modulated digital outputs

X and Y axes aligned to within 0.1° (typical)

BW adjustment with a single capacitor

Single-supply operation

3500 g shock survival



APPLICATIONS

Automotive tilt alarms

Data projectors

Navigation

Platform stabilization/leveling

Alarms and motion detectors

High accuracy, 2-axis tilt sensing



 




Similar Part No. - ADXL213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
REV. A
More results


Similar Description - ADXL213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
REV. A
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com