Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL311 Datasheet (PDF) - Analog Devices

ADXL311 Datasheet PDF - Analog Devices
Part # ADXL311
Download  ADXL311 Download
File Size   419.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer

ADXL311 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL311 Datasheet PDF - Analog Devices

Part # ADXL311
Download  ADXL311 Click to download

File Size   419.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer

ADXL311 Datasheet (HTML) - Analog Devices


ADXL311 Product details

GENERAL DESCRIPTION

The ADXL311 is a low cost,low power,completedual-axis accelerometer withsignal conditionedvoltage outputs, all on a single monolithic IC.The ADXL311 is built using the same proven iMEMS® process used in over 100 million Analog Devices accelerometers shipped todate,with demonstrated 1 FIT reliability (1 failure per 1 billion deviceoperating hours).



FEATURES

Low cost

High resolution

Dual-axis accelerometer on a single IC chip

5 mm × 5 mm × 2 mm CLCC package

Low power < 400 µA (typ)

X-axis and Y-axis aligned to within 0.1° (typ)

BW adjustment with a single capacitor

Single-supply operation

High shock survival



APPLICATIONS

Tilt and motion sensing in cost-sensitive applications

Smart handheld devices

Computer security

Input devices

Pedometers and activitymonitors

Game controllers

Toys and entertainment products




Similar Part No. - ADXL311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
More results


Similar Description - ADXL311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com