Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL327 Datasheet (PDF) - Analog Devices

ADXL327 Datasheet PDF - Analog Devices
Part # ADXL327
Download  ADXL327 Download
File Size   330.91 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹2 g Accelerometer

ADXL327 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL327 Datasheet PDF - Analog Devices

Part # ADXL327
Download  ADXL327 Click to download

File Size   330.91 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹2 g Accelerometer

ADXL327 Datasheet (HTML) - Analog Devices


ADXL327 Product details

GENERAL DESCRIPTION
The ADXL327 is a small, low power, complete 3-axis accelerometer with signal conditioned voltage outputs. The product measures acceleration with a minimum full-scale range of ±2 g. It can measure the static acceleration of gravity in tilt-sensing applications, as well as dynamic acceleration, resulting from motion, shock, or vibration.

FEATURES
   3-axis sensing
   Small, low profile package
      4 mm × 4 mm × 1.45 mm LFCSP
   Low power: 350 μA typical
   Single-supply operation: 1.8 V to 3.6 V
   10,000 g shock survival
   Excellent temperature stability
   Bandwidth adjustment with a single capacitor per axis
   RoHS/WEEE lead-free compliant

APPLICATIONS
   Cost-sensitive, low power, motion- and tilt-sensing applications
      Mobile devices
      Gaming systems
      Disk drive protection
      Image stabilization
      Sports and health devices




Similar Part No. - ADXL327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
2Mb / 13P
Analog Devices Wiki
7/12/22
More results


Similar Description - ADXL327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
Small, Low Power, 3-Axis plus minus16 g Accelerometer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com