Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346 Datasheet (PDF) - Analog Devices

ADXL346 Datasheet PDF - Analog Devices
Part # ADXL346
Download  ADXL346 Download
File Size   688.52 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer

ADXL346 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL346 Datasheet PDF - Analog Devices

Part # ADXL346
Download  ADXL346 Click to download

File Size   688.52 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer

ADXL346 Datasheet (HTML) - Analog Devices


ADXL346 Product details

GENERAL DESCRIPTION
The ADXL346 is a small, thin, ultralow power, 3-axis accelerometer with high resolution (13-bit) measurement at up to ±16 g. Digital output data is formatted as 16-bit twos complement and is accessible through either an SPI (3- or 4-wire) or I2C® digital interface.

FEATURES
   Ultralow power: as low as 23 μA in measurement mode and
      0.2 μA in standby mode at VS = 2.6 V (typical)
   Power consumption scales automatically with bandwidth
   User-selectable resolution
      Fixed 10-bit resolution
      Full resolution, where resolution increases with g range,
         up to 13-bit resolution at ±16 g (maintaining 4 mg/LSB
         scale factor in all g ranges)
   Patent pending, embedded memory management system
      with FIFO technology minimizes host processor load
   Single-tap/double-tap detection
   Activity/inactivity monitoring
   Free-fall detection
   Concurrent four- and six-position orientation detection
   Supply and I/O voltage range: 1.7 V to 2.75 V
   SPI (3- and 4-wire) and I2C digital interfaces
   Flexible interrupt modes mappable to either interrupt pin
   Measurement ranges selectable via serial command
   Bandwidth selectable via serial command
   Wide temperature range (−40°C to +85°C)
   10,000 g shock survival
   Pb free/RoHS compliant
   Small and thin: 3 mm × 3 mm × 0.95 mm LGA package

APPLICATIONS
   Handsets
   Medical instrumentation
   Gaming and pointing devices
   Industrial instrumentation
   Personal navigation devices
   Hard disk drive (HDD) protection




Similar Part No. - ADXL346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346 AD-ADXL346 Datasheet
680Kb / 40P
3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
Rev. C
ADXL346ACCZ AD-ADXL346ACCZ Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-R2 AD-ADXL346ACCZ-R2 Datasheet
680Kb / 40P
3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
Rev. C
ADXL346ACCZ-RL AD-ADXL346ACCZ-RL Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
More results


Similar Description - ADXL346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
3-Axis, 짹16 g, I2S Digital Accelerometer
12/2019-Revision 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
4/12-Revision 0
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com