Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL313 Datasheet (PDF) - Analog Devices

ADXL313 Datasheet PDF - Analog Devices
Part # ADXL313
Download  ADXL313 Download
File Size   598.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer

ADXL313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL313 Datasheet PDF - Analog Devices

Part # ADXL313
Download  ADXL313 Click to download

File Size   598.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer

ADXL313 Datasheet (HTML) - Analog Devices


ADXL313 Product details

The ADXL313 is a small, thin, low power, 3-axis accelerometer with high resolution (13-bit) measurement up to ±4 g. Digital output data is formatted as 16-bit twos complement and is accessible through either a serial port interface (SPI) (3-wire or 4-wire) or I2C digital interface.






Similar Part No. - ADXL313

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results


Similar Description - ADXL313

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
4/12-Revision 0
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com