Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet (PDF) - Analog Devices

ADXL375 Datasheet PDF - Analog Devices
Part # ADXL375
Download  ADXL375 Download
File Size   534.08 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 200 g Digital Accelerometer

ADXL375 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL375 Datasheet PDF - Analog Devices

Part # ADXL375
Download  ADXL375 Click to download

File Size   534.08 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 200 g Digital Accelerometer

ADXL375 Datasheet (HTML) - Analog Devices


ADXL375 Product details

GENERAL DESCRIPTION

The ADXL375 is a small, thin, 3-axis accelerometer that provides low power consumption and high resolution measurement up to ±200 g. The digital output data is formatted as 16-bit, twos complement data and is accessible through a SPI (3- or 4-wire) or I2C digital interface.

An integrated memory management system with a 32-level first in, first out (FIFO) buffer can be used to store data to minimize host processor activity and lower overall system power consumption. Low power modes enable intelligent motion-based power management with threshold sensing and active acceleration measurement at extremely low power dissipation.



FEATURES

Low power: as low as 35 µA in measurement mode and 0.1 µA in standby mode at VS = 2.5 V

Power consumption scales automatically with bandwidth

Embedded, 32-level FIFO buffer minimizes processor load

Bandwidth of up to 1 kHz Bandwidth selectable via serial command

Shock event detection

Activity/inactivity monitoring

Supply voltage range: 2.0 V to 3.6 V

I/O voltage range: 1.7 V to VS

SPI (3- or 4-wire) and I2C digital interfaces

Wide temperature range: −40°C to +85°C

10,000 g shock survival

Pb free/RoHS compliant

Small and thin: 3 mm × 5 mm × 1 mm LGA package



APPLICATIONS

Concussion and head trauma detection

High force event detection




Similar Part No. - ADXL375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
Micropower, 3-Axis, 짹200 g Digital Output, MEMS
8/2018-Rev. A to Rev. B
ADXL372BCCZ-RL AD-ADXL372BCCZ-RL Datasheet
977Kb / 56P
Micropower, 3-Axis, 짹200 g Digital Output, MEMS
8/2018-Rev. A to Rev. B
ADXL372BCCZ-RL7 AD-ADXL372BCCZ-RL7 Datasheet
977Kb / 56P
Micropower, 3-Axis, 짹200 g Digital Output, MEMS
8/2018-Rev. A to Rev. B
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
Apr-2021
ADXL373BCCZ-RL AD-ADXL373BCCZ-RL Datasheet
1Mb / 52P
Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
Apr-2021
More results


Similar Description - ADXL375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
logo
Analog Devices
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
3-Axis, 짹16 g, I2S Digital Accelerometer
12/2019-Revision 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
Analog Devices
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
logo
Analog Devices
ADXL314 AD-ADXL314_V01 Datasheet
1Mb / 27P
±200 g Range, 3-Axis Digital Accelerometer
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com