Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet (PDF) - NXP Semiconductors

FXLS8967AF Datasheet PDF - NXP Semiconductors
Part # FXLS8967AF_V01
Download  FXLS8967AF Download
File Size   1561.43 Kbytes
Page   98 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-Axis Low-g Accelerometer

FXLS8967AF Datasheet (PDF)

Go To PDF Page Download Datasheet
FXLS8967AF Datasheet PDF - NXP Semiconductors

Part # FXLS8967AF_V01
Download  FXLS8967AF Click to download

File Size   1561.43 Kbytes
Page   98 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-Axis Low-g Accelerometer

FXLS8967AF Datasheet (HTML) - NXP Semiconductors


FXLS8967AF Product details

General description
FXLS8967AF is a compact 3-axis MEMS accelerometer designed for use in a wide range
of automotive security and convenience applications that require ultra-low-power wakeup
on motion. The part supports both high-performance and low-power operating modes,
allowing maximum flexibility to meet the resolution and power needs for various unique
use cases. A number of advanced, integrated digital features enable designers to reduce
the overall system power consumption and simplify host data collection.
FXLS8967AF is available in a 2 mm x 2 mm x 0.95 mm 10-pin DFN package with 0.4 mm
pitch and wettable flanks. The device is qualified to AEC-Q100 and operates over the
extended –40 °C to +105 °C temperature range. The combination of sensor performance,
system power-saving features, and extended over-temperature-range performance
makes FXLS8967AF an ideal accelerometer for automotive security and convenience
applications.

Features and benefits
• ±2/4/8/16 g user-selectable, full-scale measurement ranges
• 12-bit acceleration data
• 8-bit temperature sensor data
• Low noise: 280 μg/√Hz in high performance mode
• Low-power capability:
– ≤ 1 μA IDD for ODRs up to 6.25 Hz
– < 4 μA IDD for ODRs up to 50 Hz
• Selectable ODRs up to 3200 Hz; Flexible Performance mode allows for custom ODRs
with programmable decimation (resolution) and idle-time settings
• 144 byte output data buffer (FIFO/LIFO) capable of storing up to 32 12-bit X/Y/Z data
triplets
• Flexible Sensor Data Change Detection (SDCD) function for realizing motion or no
motion, high-g/low-g, freefall, and other inertial events
• Autonomous orientation detection function (Portrait/Landscape/Up/Down)
• Dedicated low-power motion-detection mode with one wire interface option
• 12-bit vector magnitude calculation
• Trigger input for synchronizing data collection with an external system
• I2C interface frequencies up to 1 MHz; 3- and 4-wire SPI interface with clock
frequencies up to 4 MHz
• Bidirectional self-test diagnostic: Device motion or orientation does not impact the result.

Applications
3.1 Automotive security and convenience
• Infotainment
• Telematics (T-Box)
• Car alarm
• Inclinometer
• Door checker
• SmartLock




Similar Part No. - FXLS8967AF_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXLS8967AFR3 NXP-FXLS8967AFR3 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Similar Description - FXLS8967AF_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
REV. A
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com