Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL335 Datasheet (PDF) - Analog Devices

ADXL335 Datasheet PDF - Analog Devices
Part # ADXL335
Download  ADXL335 Download
File Size   130.14 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹3 g Accelerometer

ADXL335 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL335 Datasheet PDF - Analog Devices

Part # ADXL335
Download  ADXL335 Click to download

File Size   130.14 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹3 g Accelerometer

ADXL335 Datasheet (HTML) - Analog Devices


ADXL335 Product details

GENERAL DESCRIPTION
The ADXL335 is a small, thin, low power, complete 3-axis accelerometer with signal conditioned voltage outputs. The product measures acceleration with a minimum full-scale range of ±3 g. It can measure the static acceleration of gravity in tilt-sensing applications, as well as dynamic acceleration resulting from motion, shock, or vibration.

FEATURES
    3-axis sensing
    Small, low profile package 4 mm × 4 mm × 1.45 mm LFCSP
    Low power : 350 μA (typical)
    Single-supply operation: 1.8 V to 3.6 V
    10,000 g shock survival
    Excellent temperature stability
    BW adjustment with a single capacitor per axis
    RoHS/WEEE lead-free compliant

APPLICATIONS
    Cost sensitive, low power, motion- and tilt-sensing applications
        Mobile devices
        Gaming systems
        Disk drive protection
        Image stabilization
        Sports and health devices




Similar Part No. - ADXL335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335BCPZ AD-ADXL335BCPZ Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335BCPZ AD-ADXL335BCPZ Datasheet
430Kb / 16P
Small, Low Power, Accelerometer
REV. B
ADXL335BCPZ-RL AD-ADXL335BCPZ-RL Datasheet
430Kb / 16P
Small, Low Power, Accelerometer
REV. B
ADXL335BCPZ-RL7 AD-ADXL335BCPZ-RL7 Datasheet
430Kb / 16P
Small, Low Power, Accelerometer
REV. B
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Similar Description - ADXL335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
3/06-Revision 0
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
8/06-Revision 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com