Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL326 Datasheet (PDF) - Analog Devices

ADXL326 Datasheet PDF - Analog Devices
Part # ADXL326
Download  ADXL326 Download
File Size   308.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹16 g Accelerometer

ADXL326 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL326 Datasheet PDF - Analog Devices

Part # ADXL326
Download  ADXL326 Click to download

File Size   308.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹16 g Accelerometer

ADXL326 Datasheet (HTML) - Analog Devices


ADXL326 Product details

GENERAL DESCRIPTION
The ADXL326 is a small, low power, complete 3-axis accelerometer with signal conditioned voltage outputs. The product measures acceleration with a minimum full-scale range of ±16 g. It can measure the static acceleration of gravity in tiltsensing applications, as well as dynamic acceleration, resulting from motion, shock, or vibration.

FEATURES
    3-axis sensing
    Small, low profile package 4 mm × 4 mm × 1.45 mm LFCSP
    Low power: 350 μA typical
    Single-supply operation: 1.8 V to 3.6 V
    10,000 g shock survival
    Excellent temperature stability
    Bandwidth adjustment with a single capacitor per axis
    RoHS/WEEE lead-free compliant

APPLICATIONS
    Cost-sensitive, low power, motion- and tilt-sensing applications
        Mobile devices
        Gaming systems
        Disk drive protection
        Image stabilization
        Sports and health devices




Similar Part No. - ADXL326

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
More results


Similar Description - ADXL326

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
Small, Low Power, 3-Axis plus minus16 g Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
3-Axis, 짹16 g, I2S Digital Accelerometer
12/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com