Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL325 Datasheet (PDF) - Analog Devices

ADXL325 Datasheet PDF - Analog Devices
Part # ADXL325
Download  ADXL325 Download
File Size   309.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹5 g Accelerometer

ADXL325 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL325 Datasheet PDF - Analog Devices

Part # ADXL325
Download  ADXL325 Click to download

File Size   309.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, Low Power, 3-Axis 짹5 g Accelerometer

ADXL325 Datasheet (HTML) - Analog Devices


ADXL325 Product details

GENERAL DESCRIPTION

The ADXL325 is a small, low power, complete 3-axis accelerometer with signal conditioned voltage outputs. The product measures acceleration with a minimum full-scale range of ±5 g. It can measure the static acceleration of gravity in tilt-sensing applications, as well as dynamic acceleration, resulting from motion, shock, or vibration.



FEATURES

3-axis sensing

Small, low profile package

    4 mm × 4 mm × 1.45 mm LFCSP

Low power: 350 μA typical

Single-supply operation: 1.8 V to 3.6 V

10,000 gshock survival

Excellent temperature stability

Bandwidth adjustment with a single capacitor per axis

RoHS/WEEE lead-free compliant



APPLICATIONS

Cost-sensitive, low power, motion- and tilt-sensing applications

Mobile devices

Gaming systems

Disk drive protection

Image stabilization

Sports and health devices




Similar Part No. - ADXL325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
More results


Similar Description - ADXL325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Rev.0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
Small, Low Power, 3-Axis plus minus16 g Accelerometer
REV. 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com