Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL212 Datasheet (PDF) - Analog Devices

ADXL212 Datasheet PDF - Analog Devices
Part # ADXL212
Download  ADXL212 Download
File Size   262.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 짹2 g Dual Axis, PWM Output Accelerometer

ADXL212 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL212 Datasheet PDF - Analog Devices

Part # ADXL212
Download  ADXL212 Click to download

File Size   262.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 짹2 g Dual Axis, PWM Output Accelerometer

ADXL212 Datasheet (HTML) - Analog Devices


ADXL212 Product details

GENERAL DESCRIPTION
The ADXL212 is a high precision, low power, complete dual axis accelerometer with signal conditioned, duty cycle modulated outputs, all on a single monolithic IC. The ADXL212 measures acceleration with a full-scale range of ±2 g (typical). The ADXL212 measures both dynamic acceleration (such as vibration) and static acceleration (such as gravity).

FEATURES
   Dual axis accelerometer on a single IC chip
   5 mm × 5 mm × 2 mm LCC package
   5 mg resolution at 60 Hz
   Low power: 700 μA at VS = 5 V (typical)
   High zero g bias stability
   High sensitivity accuracy
   Pulse width modulated digital outputs
   X- and Y-axis aligned to within 0.1° (typical)
   Bandwidth adjustment with a single capacitor
   Single-supply operation
   3500 g shock survival

APPLICATIONS
   Automotive tilt alarms
   Vehicle dynamic control (VDC)/electronic stability program
      (ESP) systems
   Electronic chassis control
   Electronic braking
   Data projectors
   Navigation
   Platform stabilization/leveling
   Alarms and motion detectors
   High accuracy, 2-axis tilt sensing




Similar Part No. - ADXL212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL210 AD-ADXL210 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
More results


Similar Description - ADXL212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
logo
Analog Devices
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com