Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL210 Datasheet (PDF) - Analog Devices

ADXL210 Datasheet PDF - Analog Devices
Part # ADXL210
Download  ADXL210 Download
File Size   124.95 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output

ADXL210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL210 Datasheet PDF - Analog Devices

Part # ADXL210
Download  ADXL210 Click to download

File Size   124.95 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output

ADXL210 Datasheet (HTML) - Analog Devices


ADXL210 Product details

GENERAL DESCRIPTION

The ADXL202/ADXL210 are low cost, low power, complete 2-axis accelerometers with a measurement range of either ±2 g/±10 g. The ADXL202/ADXL210 can measure both dynamic acceleration (e.g., vibration) and static acceleration (e.g., gravity).



FEATURES

2-Axis Acceleration Sensor on a Single IC Chip

Measures Static Acceleration as Well as Dynamic Acceleration

Duty Cycle Output with User Adjustable Period

Low Power <0.6 mA

Faster Response than Electrolytic, Mercury or Thermal Tilt Sensors

Bandwidth Adjustment with a Single Capacitor Per Axis

5 mg Resolution at 60 Hz Bandwidth

+3 V to +5.25 V Single Supply Operation

1000 g Shock Survival



APPLICATIONS

2-Axis Tilt Sensing

Computer Peripherals

Inertial Navigation

Seismic Monitoring

Vehicle Security Systems

Battery Powered Motion Sensing



 




Similar Part No. - ADXL210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210 AD-ADXL210_15 Datasheet
819Kb / 11P
Accelerometers with Digital Output
REV. B
More results


Similar Description - ADXL210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
-5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV.0
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV.A
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
Dual-Axis, High-g, MEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com