Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL210 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL210
Description  Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL210 Datasheet(HTML) 1 Page - Analog Devices

  ADXL210 Datasheet HTML 1Page - Analog Devices ADXL210 Datasheet HTML 2Page - Analog Devices ADXL210 Datasheet HTML 3Page - Analog Devices ADXL210 Datasheet HTML 4Page - Analog Devices ADXL210 Datasheet HTML 5Page - Analog Devices ADXL210 Datasheet HTML 6Page - Analog Devices ADXL210 Datasheet HTML 7Page - Analog Devices ADXL210 Datasheet HTML 8Page - Analog Devices ADXL210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost
2
g/ 10 g Dual Axis
iMEMS
® Accelerometers
with Digital Output
ADXL202/ADXL210
FEATURES
2-Axis Acceleration Sensor on a Single IC Chip
Measures Static Acceleration as Well as Dynamic
Acceleration
Duty Cycle Output with User Adjustable Period
Low Power <0.6 mA
Faster Response than Electrolytic, Mercury or Thermal
Tilt Sensors
Bandwidth Adjustment with a Single Capacitor Per Axis
5 m
g Resolution at 60 Hz Bandwidth
+3 V to +5.25 V Single Supply Operation
1000
g Shock Survival
APPLICATIONS
2-Axis Tilt Sensing
Computer Peripherals
Inertial Navigation
Seismic Monitoring
Vehicle Security Systems
Battery Powered Motion Sensing
AIN2 =
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
FUNCTIONAL BLOCK DIAGRAM
DEMOD
RFILT
32k
RFILT
32k
OSCILLATOR
X SENSOR
Y SENSOR
ADXL202/
ADXL210
X OUT
Y OUT
SELF TEST
XFILT
VDD
VDD
CX
+3.0V TO +5.25V
CDC
COM
YFILT
T2
CY
RSET
C
O
U
N
T
E
R
P
T2
T1
A(
g) = (T1/T2 – 0.5)/12.5%
0
g = 50% DUTY CYCLE
T2 = RSET/125M
DEMOD
DUTY
CYCLE
MODULATOR
(DCM)
GENERAL DESCRIPTION
The ADXL202/ADXL210 are low cost, low power, complete
2-axis accelerometers with a measurement range of either
±2 g/±10 g. The ADXL202/ADXL210 can measure both dy-
namic acceleration (e.g., vibration) and static acceleration (e.g.,
gravity).
The outputs are digital signals whose duty cycles (ratio of pulse-
width to period) are proportional to the acceleration in each of
the 2 sensitive axes. These outputs may be measured directly
with a microprocessor counter, requiring no A/D converter or
glue logic. The output period is adjustable from 0.5 ms to 10 ms
via a single resistor (RSET). If a voltage output is desired, a
voltage output proportional to acceleration is available from the
XFILT and YFILT pins, or may be reconstructed by filtering the
duty cycle outputs.
The bandwidth of the ADXL202/ADXL210 may be set from
0.01 Hz to 5 kHz via capacitors CX and CY. The typical noise
floor is 500
µg/√Hz allowing signals below 5 mg to be resolved
for bandwidths below 60 Hz.
The ADXL202/ADXL210 is available in a hermetic 14-lead
Surface Mount CERPAK, specified over the 0
°C to +70°C
commercial or –40
°C to +85°C industrial temperature range.
iMEMS is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADXL210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
ADXL210 AD-ADXL210_15 Datasheet
819Kb / 11P
Accelerometers with Digital Output
REV. B
More results

Similar Description - ADXL210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
-5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV.0
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV.A
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
Dual-Axis, High-g, MEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com