Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS332AX Datasheet (PDF) - STMicroelectronics

LIS332AX Datasheet PDF - STMicroelectronics
Part # LIS332AX
Download  LIS332AX Download
File Size   219.8 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer

LIS332AX Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS332AX Datasheet PDF - STMicroelectronics

Part # LIS332AX
Download  LIS332AX Click to download

File Size   219.8 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer

LIS332AX Datasheet (HTML) - STMicroelectronics




Similar Part No. - LIS332AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
LIS332ARTR STMICROELECTRONICS-LIS332ARTR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
More results


Similar Description - LIS332AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
28-Sep-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
2005-Sep-26
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com