Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AX Datasheet (PDF) - STMicroelectronics

LIS352AX Datasheet PDF - STMicroelectronics
Part # LIS352AX
Download  LIS352AX Download
File Size   253.01 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer

LIS352AX Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS352AX Datasheet PDF - STMicroelectronics

Part # LIS352AX
Download  LIS352AX Click to download

File Size   253.01 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer

LIS352AX Datasheet (HTML) - STMicroelectronics




Similar Part No. - LIS352AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS352ARTR STMICROELECTRONICS-LIS352ARTR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
More results


Similar Description - LIS352AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
MEMS INERTIAL SENSOR: 2-Axis - ±2g/±6g LINEAR ACCELEROMETER
01-Dec-2005
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - ±2g analog output -piccolo- accelerometer
05-Mar-2008
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com