Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AX Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS352AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS352AX Datasheet HTML 6Page - STMicroelectronics LIS352AX Datasheet HTML 7Page - STMicroelectronics LIS352AX Datasheet HTML 8Page - STMicroelectronics LIS352AX Datasheet HTML 9Page - STMicroelectronics LIS352AX Datasheet HTML 10Page - STMicroelectronics LIS352AX Datasheet HTML 11Page - STMicroelectronics LIS352AX Datasheet HTML 12Page - STMicroelectronics LIS352AX Datasheet HTML 13Page - STMicroelectronics LIS352AX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application hints
LIS352AX
10/15
Doc ID 15530 Rev 2
5
Application hints
Figure 3.
LIS352AX electrical connection
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF aluminum) should
be placed as near as possible to the device (common design practice).
The LIS352AX allows band limiting of Voutx, Vouty and Voutz through the use of external
capacitors. The recommended frequency range spans from DC up to 2.0 kHz. Capacitors
must be added at the output pins to implement low-pass filtering for anti-aliasing and noise
reduction, even if only the multiplexed output (Vout) is used. The equation for the cut-off
frequency ( ft ) of the external filters is:
Taking into account that the internal filtering resistor (Rout) has a nominal value of 32 kΩ, the
equation for the external filter cut-off frequency may be simplified as follows:
f
t
1
2
π R
out
C
load xyz
,,
()
⋅⋅
------------------------------------------------------------------------
=
f
t
5
µF
C
load xyz
,,
()
--------------------------------------- Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com