Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AX Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS352AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AX Datasheet(HTML) 5 Page - STMicroelectronics

  LIS352AX Datasheet HTML 1Page - STMicroelectronics LIS352AX Datasheet HTML 2Page - STMicroelectronics LIS352AX Datasheet HTML 3Page - STMicroelectronics LIS352AX Datasheet HTML 4Page - STMicroelectronics LIS352AX Datasheet HTML 5Page - STMicroelectronics LIS352AX Datasheet HTML 6Page - STMicroelectronics LIS352AX Datasheet HTML 7Page - STMicroelectronics LIS352AX Datasheet HTML 8Page - STMicroelectronics LIS352AX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LIS352AX
Mechanical and electrical specifications
Doc ID 15530 Rev 2
5/15
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd=3.3 V, T=25 °C unless otherwise noted(a)
a.
The product is factory calibrated at 3.3 V. The operational power supply range is specified in
Table 4.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Ar
Acceleration range(2)
±2.0
g
So
Sensitivity(3)
0.363 - 5%
0.363
0.363 + 5%
V/g
SoDr
Sensitivity change vs.
temperature
Delta from +25 °C
±0.01
%/°C
Voff
Zero-
g level(4)
T = 25°C
1.25- 3.5%
1.25
1.25+ 3.5%
V
OffDr
Zero-
g level change
vs temperature
Delta from +25 °C
±0.3
mg/°C
NL
Non linearity(4)
Best fit straight line
±0.5
% FS
CrossAx Cross-axis(5)
±2
%
An
Acceleration noise
density
Vdd=3.3 V
100
µg/
Vt
Self-test output
voltage change(6)
T = 25 °C
X axis
40
550
mV
T = 25 °C
Y axis
40
550
mV
T = 25 °C
Z axis
40
550
mV
Fres
Sensing element
resonant frequency(7)
X, Y, Z axis
2.0
kHz
Top
Operating
temperature range
-40
+85
°C
Wh
Product weight
30
mgram
1.
Typical specifications are not guaranteed
2.
Guaranteed by wafer level test and measurement of initial offset and sensitivity
3.
Zero-
g level and sensitivity are absolute to supply voltage
4.
Guaranteed by design
5.
Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
6.
Self-test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
7.
Minimum resonance frequency FRES=2.0 kHz. Sensor bandwidth=1/(2*π*32kΩ*CLOAD), with CLOAD>2.5nF
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com