Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AX Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS352AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS352AX Datasheet HTML 2Page - STMicroelectronics LIS352AX Datasheet HTML 3Page - STMicroelectronics LIS352AX Datasheet HTML 4Page - STMicroelectronics LIS352AX Datasheet HTML 5Page - STMicroelectronics LIS352AX Datasheet HTML 6Page - STMicroelectronics LIS352AX Datasheet HTML 7Page - STMicroelectronics LIS352AX Datasheet HTML 8Page - STMicroelectronics LIS352AX Datasheet HTML 9Page - STMicroelectronics LIS352AX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Mechanical and electrical specifications
LIS352AX
6/15
Doc ID 15530 Rev 2
2.2
Electrical characteristics
@ Vdd=3.3 V, T=25 °C unless otherwise noted(b)
b.
The product is factory calibrated at 3.3 V. The operational power supply range is specified in
Table 3.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.16
3.3
3.6
V
Idd
Supply current
Mean value
PD pin connected to GND
0.3
mA
IddPdn
Supply current in
power-down mode
PD pin connected to Vdd
1
µA
Vst
Vpd
Self-test input
Power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
Vs0
S0 Input
Logic 0 level
0
0.2*Vdd
Logic 1 level
0.8*Vdd
Vdd
Vs1
S1 input
Logic 0 level
0
0.2*Vdd
Logic 1 level
0.8*Vdd
Vdd
Rout
Output impedance of
Voutx, Vouty, Voutz
32
k
Ω
Cload
Capacitive load drive
for Voutx, Vouty,
Voutz(2)
2.5
nF
Rmux
Series resistance of
multiplexer input vs.
Vout
1
k
Ω
Cloadmux
Capacitive load drive
for multiplexed output
Vout
10
pF
Ton
Turn-on time at exit
from power-down
mode
CLOAD in µF
160*CLOAD+0.3
ms
1.
Typical specifications are not guaranteed
2.
Minimum resonance frequency FRES=2.0 kHz. Device bandwidth=1/(2*π*32kΩ*CLOAD), with CLOAD>2.5nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com