Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS352AX Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS352AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AX Datasheet(HTML) 1 Page - STMicroelectronics

  LIS352AX Datasheet HTML 1Page - STMicroelectronics LIS352AX Datasheet HTML 2Page - STMicroelectronics LIS352AX Datasheet HTML 3Page - STMicroelectronics LIS352AX Datasheet HTML 4Page - STMicroelectronics LIS352AX Datasheet HTML 5Page - STMicroelectronics LIS352AX Datasheet HTML 6Page - STMicroelectronics LIS352AX Datasheet HTML 7Page - STMicroelectronics LIS352AX Datasheet HTML 8Page - STMicroelectronics LIS352AX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2010
Doc ID 15530 Rev 2
1/15
15
LIS352AX
MEMS inertial sensor:
3-axis ±2
g absolute analog-output "piccolo" accelerometer
Features
■ Absolute 0-g level and sensitivity
■ Excellent stability over temperature
■ 3 acceleration channels plus multiplexed
analog output
■ Factory-trimmed device sensitivity and
0-
g level
■ Power-down mode
■ Embedded self-test
■ 10000 g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 6)
Applications
■ Free-fall detection for data protection
■ Tilting applications
■ Mobile and battery-operated terminals
■ Gaming and virtual reality input devices
■ Anti-theft systems and Inertial navigation
Description
The LIS352AX is a new small size, low-power 3-
axis linear accelerometer that includes a sensing
element and an IC interface capable of providing
an absolute analog signal to the external world.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit trimmed to better match
the sensing element characteristics.
The LIS352AX has a full-scale of ±2
g and is
capable of measuring accelerations over a
maximum bandwidth of 2.0 kHz. The device
bandwidth may be reduced by using external
capacitors.
The self-test capability allows the user to check
the functioning of the system.
An embedded multiplexer allows the redirection of
the analog outputs onto a single pin for operation
with a single-channel A/D converter.
ST is already in the field with several hundred
million sensors which have received excellent
acceptance from the market in terms of quality,
reliability and performance.
The LIS352AX is provided in a plastic land grid
array (LGA) package.
Several years ago ST successfully pioneered the
use of this package for accelerometers. Today, ST
has the widest manufacturing capability and
strongest expertise in the world for production of
sensors in plastic LGA packages.
LGA-14 (3x5x0.9mm)
Table 1.
Device summary
Order code
Temperature range,
° CPackage
Packing
LIS352AX
-40°C to +85°C
LGA-14
Tray
LIS352AXTR
-40°C to +85°C
LGA-14
Tape and reel
www.st.com


Similar Part No. - LIS352AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS352ARTR STMICROELECTRONICS-LIS352ARTR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
More results

Similar Description - LIS352AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
MEMS INERTIAL SENSOR: 2-Axis - ±2g/±6g LINEAR ACCELEROMETER
01-Dec-2005
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - ±2g analog output -piccolo- accelerometer
05-Mar-2008
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com