Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7820 Datasheet (PDF) - Maxwell Technologies

7820 Datasheet PDF - Maxwell Technologies
Part # 7820
Download  7820 Download
File Size   244.35 Kbytes
Page   18 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Microprocessor-compatible 8-Bit ADC

7820 Datasheet (PDF)

Go To PDF Page Download Datasheet
7820 Datasheet PDF - Maxwell Technologies

Part # 7820
Download  7820 Click to download

File Size   244.35 Kbytes
Page   18 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Microprocessor-compatible 8-Bit ADC

7820 Datasheet (HTML) - Maxwell Technologies


7820 Product details

DESCRIPTION:
The 7820 is a microprocessor compatible 8-bit Analog-to-Digital Converter with a 0V to +5V input supply range with a single +5 Volt supply.
The 7820 incorporates internal sample-and-hold circuitry which eliminates the need for an external S/H for signals with slew rates less than 100 mV/µs.
The 7820 was designed to be easiliy interfaced with microprocessors, appearing as either a memory location or I/O port without the need for external interfacing. All outputs are latched and tri-state buffered.

FEATURES:
• 1.36 µs Conversion Time
• Built-in-Track-and-Hold Function
• Single +5 Volt Supply
• No External Clock Required
• Tri-State Output Buffered
• Total Ionization Dose:
   - > 50 krads (Si), depending upon space mission.
• Excellent Single Event Effects
   - SEL > 80 MeV/mg/cm2
• Package:
   - 20 pin Rad-Pak DIP




Similar Part No. - 7820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7820 ETC2-7820 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Wixroyd Group Ltd
78200 WIXROYD-78200 Datasheet
204Kb / 1P
Pull Handles
logo
National Instruments Co...
782000-01 NI-782000-01 Datasheet
259Kb / 10P
NI-9232 Getting Started
2022-07-06
logo
Alpha Wire
782001 ALPHAWIRE-782001 Datasheet
408Kb / 4P
20 (SOLID) AWG Tinned Copper
logo
Theben AG
7820030 THEBEN-7820030 Datasheet
484Kb / 2P
Climate control Clock thermostats
07/04/2025
More results


Similar Description - 7820

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
January 22, 2009
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574_15 Datasheet
655Kb / 8P
P Compatible 8 Bit ADC
REV. A
AD7576 AD-AD7576_15 Datasheet
778Kb / 8P
10s P Compatible 8 Bit ADC
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com