Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4344 Datasheet (PDF) - Cirrus Logic

CS4344 Datasheet PDF - Cirrus Logic
Part # CS4344
Download  CS4344 Download
File Size   882.06 Kbytes
Page   23 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER

CS4344 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4344 Datasheet PDF - Cirrus Logic

Part # CS4344
Download  CS4344 Click to download

File Size   882.06 Kbytes
Page   23 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER

CS4344 Datasheet (HTML) - Cirrus Logic


CS4344 Product details

Description

The CS4344 family members are complete, stereo digital-to-analog output systems including interpolation, multi-bit D/A conversion and output analog filtering in a 10-pin package. The CS4344/5/6/8 support all major audio data interface formats, and the individual devices differ only in the supported interface format.

The CS4344 family is based on a fourth order multi-bit delta-sigma modulator with a linear analog low-pass filter. This family also includes auto-speed mode detection using both sample rate and master clock ratio as a method of auto-selecting sampling rates between 2 kHz and 200 kHz.



Features

♦ Multi-bit Delta-Sigma Modulator

♦ 24-bit Conversion

♦ Automatically Detects Sample Rates up to 192 kHz.

♦ 105 dB Dynamic Range

♦ -90 dB THD+N

♦ Low Clock-Jitter Sensitivity

♦ Single +3.3 V or +5 V Power Supply

♦ Filtered Line-Level Outputs

♦ On-chip Digital De-emphasis

♦ Popguard™ Technology

♦ Small 10-pin TSSOP Package



 




Similar Part No. - CS4344

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
539Kb / 24P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
CS4344-CZZ CIRRUS-CS4344-CZZ Datasheet
539Kb / 24P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
CS4344-DZZ CIRRUS-CS4344-DZZ Datasheet
539Kb / 24P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
CS4344 CIRRUS-CS4344_05 Datasheet
539Kb / 24P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results


Similar Description - CS4344

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
CS4344 CIRRUS-CS4344_05 Datasheet
539Kb / 24P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
24-Bit, 192kHz Stereo D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com