Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8781 Datasheet (PDF) - Wolfson Microelectronics plc

WM8781 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8781
Download  WM8781 Download
File Size   240.43 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-Bit, 192kHz Stereo ADC

WM8781 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8781 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8781
Download  WM8781 Click to download

File Size   240.43 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-Bit, 192kHz Stereo ADC

WM8781 Datasheet (HTML) - Wolfson Microelectronics plc


WM8781 Product details

DESCRIPTION
The WM8781 is a high performance, low cost stereo audio ADC designed for recordable media applications.
The device offers stereo line level inputs along with two control input pins (FORMAT, IWL) to allow operation of the audio interface in three industry standard modes. An internal op-amp is integrated on the front end of the chip to accommodate analogue input signals greater than 1Vrms. The device also has a high pass filter to remove residual DC offsets.

FEATURES
• SNR 102dB (‘A’ weighted @ 48kHz)
• THD -90dB (at –1dB)
• Sampling Frequency: 8 – 192kHz
• Master or Slave Clocking Mode
• System Clock (MCLK): 128fs, 192fs, 256fs, 384fs, 512fs, 768fs
• Audio Data Interface Modes
    - 16-24 bit I2S, 16-24 bit Left, 16-24 bit Right Justified
• Supply Voltages
    - Analogue 2.7 to 5.5V
    - Digital core: 2.7V to 3.6V
• 20-lead SSOP package

APPLICATIONS
• Recordable DVD Players
• Personal Video Recorders
• STB
• Studio Audio Processing Equipment




Similar Part No. - WM8781

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
More results


Similar Description - WM8781

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 CIRRUS-WM8786 Datasheet
1Mb / 27P
24-bit, 192kHz Stereo ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com