Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782 Datasheet (PDF) - Wolfson Microelectronics plc

WM8782 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8782
Download  WM8782 Download
File Size   216.85 Kbytes
Page   19 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-Bit, 192kHz Stereo ADC

WM8782 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8782 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8782
Download  WM8782 Click to download

File Size   216.85 Kbytes
Page   19 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-Bit, 192kHz Stereo ADC

WM8782 Datasheet (HTML) - Wolfson Microelectronics plc


WM8782 Product details

DESCRIPTION

The WM8782 is a high performance, low cost stereo audio ADC designed for recordable media applications.

The device offers stereo line level inputs along with two control input pins (FORMAT, IWL) to allow operation of the audio interface in three industry standard modes. An internal op-amp is integrated on the front end of the chip to accommodate analogue input signals greater than 1Vrms. The device also has a high pass filter to remove residual DC offsets.



FEATURES

  SNR 100dB (‘A’ weighted @ 48kHz)

  THD -93dB (at –1dB)

  Sampling Frequency: 8 – 192kHz

  Master or Slave Clocking Mode

  System Clock (MCLK): 128fs, 192fs, 256fs, 384fs, 512fs, 768fs

    - Audio Data Interface Modes

  16-24 bit I2S, 16-24 bit Left, 16-24 bit Right Justified

  Supply Voltages

    - Analogue: 2.7 to 5.5V

    - Digital core: 2.7V to 3.6V

  20-lead SSOP or 20-lead TSSOP package

  Accelerated Lifetime Screened Devices available.



APPLICATIONS

  Recordable DVD Players

  Personal Video Recorders

  STB

  Studio Audio Processing Equipment

  Automotive



 




Similar Part No. - WM8782

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782GEDT WOLFSON-WM8782GEDT Datasheet
248Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782GEDT/R WOLFSON-WM8782GEDT/R Datasheet
248Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782SEDS WOLFSON-WM8782SEDS Datasheet
248Kb / 21P
24-Bit, 192kHz Stereo ADC
More results


Similar Description - WM8782

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 CIRRUS-WM8786 Datasheet
1Mb / 27P
24-bit, 192kHz Stereo ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com