Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8782
Description  24-Bit, 192kHz Stereo ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8782 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Product Preview
WM8782
w
PP, May 2004, Rev 1.0
7
Analogue Reference Levels
Midrail Reference Voltage
VMID
AVDD to VMID and
VMID to VREFN
–3%
AVDD/2
+3%
V
Potential Divider Resistance
RVMID
50
kΩ
Buffered Reference Voltage
VREFP
–3%
AVDD/2
+3%
V
VREF source current
IVREF
5
mA
VREF sink current
IVREF
5
mA
Supply Current
Analogue supply current
AVDD = 5V
55
mA
Digital supply current
DVDD = 3.3V
4
mA
Power Down
0.5
mA
Notes:
1.
All performance measurements are done with a 20kHz low pass filter, and where noted an A-weight filter, except
where noted. Failure to use such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than
are found in the Electrical Characteristics. The low pass filter removes out of band noise; although this is not audible,
it may affect dynamic specification values.
2.
VMID is decoupled with 10uF and 0.1uF capacitors close to the device package. Smaller capacitors may reduce
performance.
3.
This high leakage current is due to the topology of the instate pads. The pad input is connected to the midpoint of an
internal resistor string to pull input to vmid if undriven.
TERMINOLOGY
1.
Signal-to-noise ratio (dB) – Ratio of output level with 1kHz full scale input, to the output level with all zeros into the
digital input, over a 20Hz to 20kHz bandwidth. (No Auto-zero or Automute function is employed in achieving these
results).
2.
Dynamic range (dB) – DR is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it. (e.g. THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) – THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com