Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8782
Description  24-Bit, 192kHz Stereo ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8782 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 19Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
WM8782
Product Preview
w
PP, May 2004, Rev 1.0
18
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.20MM.
D. MEETS JEDEC.95 MO-150, VARIATION = AE. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM0015.B
DS: 20 PIN SSOP (7.2 x 5.3 x 1.75 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
2.0
A1
0.05
-----
-----
A2
1.65
1.75
1.85
b
0.22
0.30
0.38
c
0.09
-----
0.25
D
6.90
7.20
7.50
e
0.65 BSC
E
7.40
7.80
8.20
5.00
5.30
5.60
L
0.55
0.75
0.95
θθθθ
REF:
A A2
A1
SEATING PLANE
-C-
0.10 C
10
1
D
11
20
e
b
E1
E
-
JEDEC.95, MO 150
0
o
4
o
8
o
E1
L1
0.125 REF
Θ
Θ
Θ
Θ
c
L
GAUGE
PLANE
0.25
L 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com