Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8782
Description  24-Bit, 192kHz Stereo ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8782 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
WM8782
Product Preview
w
PP, May 2004, Rev 1.0
4
PIN DESCRIPTION
PIN NO.
NAME
TYPE
DESCRIPTION
1
MCLK
Digital Input
Master Clock
2
DOUT
Digital Output
ADC Digital Audio Data
3
LRCLK
Digital Input / Output
Audio Interface Left / Right Clock
4
DGND
Supply
Digital Negative Supply
5
DVDD
Supply
Digital Positive Supply
6
BCLK
Digital Input / Output
Audio Interface Bit Clock
7
IWL
Digital Tristate Input
Word Length
0 = 16 bit
1 = 20 bit
Z = 24 bit
8
FSAMPEN
Digital Tristate Input
Fast Sampling Rate Enable
0 = 48ken
1= 96ken
Z= 192ken
9
FORMAT
Digital Tristate Input
Audio Mode Select
0 = RJ
1 = LJ
Z = I2S
10
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
11
VREFGND
Supply
Negative Supply and Substrate Connection
12
VREFP
Analogue Output
Positive Reference Voltage Decoupling Pin; 10uF external decoupling
13
AVDD
Supply
Analogue Positive Supply
14
AGND
Supply
Analogue Negative Supply and Substrate Connection
15
AINOPR
Analogue Output
Right Channel Internal Op-Amp Output
16
AINR
Analogue Input
Right Channel Input
17
COM
Analogue Input
Common mode high impedance input should be set to midrail.
18
AINOPL
Analogue Output
Left Channel Internal Op-Amp Output
19
AINL
Analogue Input
Left Channel Input
20
M/S
Digital Input
Interface Mode Select
0 = Slave mode (128fs, 192fs, 256fs, 384fs, 512fs, 768fs)
1 = Master mode (256fs, 128fs)
(fs=word clock frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com