Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785 Datasheet (PDF) - Wolfson Microelectronics plc

WM8785 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8785
Download  WM8785 Download
File Size   321.24 Kbytes
Page   31 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-Bit, 192kHz Stereo ADC

WM8785 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8785 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8785
Download  WM8785 Click to download

File Size   321.24 Kbytes
Page   31 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-Bit, 192kHz Stereo ADC

WM8785 Datasheet (HTML) - Wolfson Microelectronics plc


WM8785 Product details

DESCRIPTION
The WM8785 is a stereo audio ADC with differential inputs designed for high performance recordable media applications. Data is provided as a PCM output.
Stereo 24-bit multi-bit sigma-delta ADCs are used with digital audio output word lengths of 16 to 32 bits, and sampling rates from 8kHz to 192kHz. The device has a selectable high pass filter to remove residual DC offsets. The device also supports a TDM bus for data out.

FEATURES
• SNR 111dB (‘A’ weighted @ 48kHz)
• THD -102dB (at -0.1dB)
• Sampling Frequency: 8 – 192kHz
• 2 or 3 Wire Microprocessor Control Interface
• Master or Slave Clocking Mode
• Programmable Audio Data Interface Modes
    - I2S, Left, Right Justified or DSP
    - 16/20/24/32 bit Word Lengths
• A TDM bus is supported for data out
• Supply Voltages
    - Analogue 4.5 to 5.5V
    - Digital core: 2.7V to 3.6V
• 20-lead SSOP package

APPLICATIONS
• Recordable DVD Players
• Personal Video Recorders
• High End Sound Cards
• Studio Audio Processing Equipment




Similar Part No. - WM8785

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8785GEDS/RV WOLFSON-WM8785GEDS/RV Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8785GEDS/V WOLFSON-WM8785GEDS/V Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
More results


Similar Description - WM8785

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 CIRRUS-WM8786 Datasheet
1Mb / 27P
24-bit, 192kHz Stereo ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com