Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP8-12AC Datasheet (PDF) - IXYS Corporation

DSP8-12AC Datasheet PDF - IXYS Corporation
Part # DSP8-12AC
Download  DSP8-12AC Download
File Size   393.41 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Phase-leg Rectifier Diode ISOPLUS220

DSP8-12AC Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP8-12AC Datasheet PDF - IXYS Corporation

Part # DSP8-12AC
Download  DSP8-12AC Click to download

File Size   393.41 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Phase-leg Rectifier Diode ISOPLUS220

DSP8-12AC Datasheet (HTML) - IXYS Corporation


DSP8-12AC Product details

VRRM = 800/1200 V
IF(AV)M = 2 x 11 A

Features
• Silicon chip on Direct-Copper-Bond
   substrate
   - High power dissipation
   - Isolated mounting surface
   - 2500V electrical isolation
• For single and three phase bridge
   configuration
• Low cathode to tab capacitance (<15pF)
• Planar passivated chips
• Epoxy meets UL 94V-0




Similar Part No. - DSP8-12AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP8-12AC IXYS-DSP8-12AC Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
More results


Similar Description - DSP8-12AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
L015 IXYS-L015 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08S IXYS-DSP8-08S Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
DSP45 IXYS-DSP45 Datasheet
122Kb / 2P
Phase-leg Rectifier Diode
logo
Microsemi Corporation
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
Diode Phase leg Power Module
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
Diode Phase leg Power Module
logo
IXYS Corporation
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
Standard Rectifier Module Phase leg
DSI30 IXYS-DSI30 Datasheet
89Kb / 1P
Rectifier Diode ISOPLUS220
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com