Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM9000B Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

RM9000B Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Part # RM9000B
Download  RM9000B Download
File Size   210.27 Kbytes
Page   2 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description High-voltage linear 220V/30W flood light solution

RM9000B Datasheet (PDF)

Go To PDF Page Download Datasheet
RM9000B Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.

Part # RM9000B
Download  RM9000B Click to download

File Size   210.27 Kbytes
Page   2 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description High-voltage linear 220V/30W flood light solution

RM9000B Datasheet (HTML) - Shaanxi Reactor Microelectronics Co., Ltd.




Similar Part No. - RM9000B

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9001 REACTOR-RM9001 Datasheet
730Kb / 6P
Three-stage constant-power, low-THD, high-voltage LED driver IC
Rev.20.03
RM9001A REACTOR-RM9001A Datasheet
201Kb / 2P
High-voltage linear 220V/10W bulb lamp solution
RM9001A REACTOR-RM9001A Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
RM9001A REACTOR-RM9001A Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001A REACTOR-RM9001A Datasheet
453Kb / 9P
Multi-stage constant current constant power LED control chip
Rev.17.06
More results


Similar Description - RM9000B

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9001A_12W REACTOR-RM9001A_12W Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
RM9001A_30W REACTOR-RM9001A_30W Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9026A_50W REACTOR-RM9026A_50W Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
RM9001D REACTOR-RM9001D Datasheet
436Kb / 2P
High-voltage linear 220V/10W flood light solution
RM9001D REACTOR-RM9001D_1 Datasheet
527Kb / 2P
High-voltage linear 220V/70W flood light solution
RM9001D REACTOR-RM9001D_2 Datasheet
496Kb / 2P
High-voltage linear 220V/50W flood light solution
RM9001D REACTOR-RM9001D_3 Datasheet
501Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001D REACTOR-RM9001D_4 Datasheet
499Kb / 2P
High-voltage linear 220V/20W flood light solution
RM9003T REACTOR-RM9003T_3 Datasheet
183Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9003T REACTOR-RM9003T_4 Datasheet
189Kb / 2P
High-voltage linear 220V/100W flood light solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com