Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4206 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4206 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM4206
Download  HM4206 Download
File Size   1411.88 Kbytes
Page   12 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Linear Li-Ion Battery Charger Based on Solar Applications

HM4206 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM4206 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4206
Download  HM4206 Click to download

File Size   1411.88 Kbytes
Page   12 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Linear Li-Ion Battery Charger Based on Solar Applications

HM4206 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM4206 Product details

DESCRIPTION
HM4206 is a complete single-cell lithium-ion battery based on solar applications The cell uses a constant current/constant voltage linear charger. With heat dissipation at the bottom ESOP8 package and fewer external components make HM4206 a Ideal for portable applications. HM4206 can be suitable for USB power supply Work with adapter power supply. Due to the internal PMOSFET architecture and the anti-reverse charging circuit, So there is no need for external detection resistors and isolation diodes. Thermal feedback can be recharged Electric current is adjusted for high power operation or high ambient temperature conditions Limit the chip temperature below. The charging voltage is fixed at 4.2V, and the charging The electric current can be set externally through a resistor. When the charging current reaches When the final float voltage drops to 1/10 of the set value, HM4206 will automatically The charging cycle is terminated automatically. When the input voltage (AC adapter or USB power supply or solar panel) When it is removed, HM4206 automatically enters a low current state, and the battery The leakage current is reduced to less than 2μA. You can also put HM4206 in shutdown mode, This reduces the supply current to 55μA. Other features of HM4206 include Charge current monitor, undervoltage lockout, automatic recharging and a Shows the end of charging and the status pin of input voltage access. HM4206 adopts green ESOP8 package and at least 3 peripherals The device can effectively reduce the circuit PCB layout space. HM4206 can work in -40°C to +85°C.

FEATURES
● Programmable charging current up to 1A
● No need for MOSFET, sense resistor or isolation diode
● Constant current/constant voltage operation, Thermal regulation function that maximizes the charging rate under conditions
● Charge a single-cell Li-ion battery directly from the USB port
● 4.2V preset end-of-charge voltage with an accuracy of 1%
● Charge current monitor output for battery power detection
● Automatic recharge
● Charge status output pin
● C/10 charge termination
● The supply current in shutdown mode is 55μA
● 2.9V trickle charge
● Soft start to limit inrush current
● Support solar charging
● ESOP8 green package




Similar Part No. - HM4206

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
Solar lithium battery charge and discharge management chip
HM4208 HMSEMI-HM4208 Datasheet
959Kb / 7P
single cell lithium battery constant
HM4209 HMSEMI-HM4209 Datasheet
2Mb / 14P
single-cell lithium battery charge management chip
More results


Similar Description - HM4206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
STMicroelectronics
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
Li-Ion battery charger evaluation board based on STNS01
26-Jan-2016
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
logo
TECH PUBLIC Electronics...
TP4057 TECHPUBLIC-TP4057 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.06.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com