Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4209 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4209 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM4209
Download  HM4209 Download
File Size   2527.65 Kbytes
Page   14 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description single-cell lithium battery charge management chip

HM4209 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM4209 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4209
Download  HM4209 Click to download

File Size   2527.65 Kbytes
Page   14 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description single-cell lithium battery charge management chip

HM4209 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM4209 Product details

DESCRIPTION
HM4209 is a charging status display with dual lights, At the same time, a single battery with reverse battery protection and lithium battery protection functions Lithium battery charge management chip. The charging process includes trickle charging Three processes of electricity, constant current charging, and constant voltage charging, the charging process Red light is displayed, green light is displayed when fully charged. Lithium battery protection function package Including overcharge protection, overdischarge protection, overcurrent protection, short Circuit protection, lithium battery reverse connection protection function, with 0V battery The activation function does not require external MOS. Package form: ESOP8, in line with "ROHS" standard.

Main electrical parameters of charging function
● Input voltage: 5.0V ± 0.5V
● Charging current: 50 to 1000mA adjustable
● Charging saturation voltage: 4.20V ± 1%

Main electrical parameters of lithium battery protection function
● Overcharge protection voltage: 4.275V ± 50mV
● Overcharge recovery voltage: 4.075 V ± 25mV
● Over-discharge protection voltage: 2.50V 土 50mV
● Over-discharge recovery voltage: 2.90V ± 75mV
● Overcurrent protection current: 2.5A

Main features of charging function
● With battery reverse connection protection function;
● Adjustable charging current from 50 to 1000mA;
● No need for isolation diodes to achieve anti-backflow function;
● Constant current/constant voltage operation,

The thermal regulation function that maximizes the charging rate under dangerous conditions;
● 4.2V preset charging voltage with an accuracy of ±1%;
● Dual output of charging status and fault status display;
● 2.9V trickle charge;
● Soft start limits the inrush current;




Similar Part No. - HM4209

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
Solar lithium battery charge and discharge management chip
HM4206 HMSEMI-HM4206 Datasheet
1Mb / 12P
Linear Li-Ion Battery Charger Based on Solar Applications
HM4208 HMSEMI-HM4208 Datasheet
959Kb / 7P
single cell lithium battery constant
More results


Similar Description - HM4209

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Shenzhen Huazhimei Semi...
HM4084 HMSEMI-HM4084 Datasheet
581Kb / 6P
Switch type two-cell lithium battery charge management chip
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
HM4089 HMSEMI-HM4089 Datasheet
783Kb / 14P
Switch type 2-10 cell lithium battery charge management chip
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4061 HMSEMI-HM4061 Datasheet
1Mb / 8P
Switch-type single-cell and double-cell lithium battery charge management chip
HM4053B HMSEMI-HM4053B Datasheet
867Kb / 11P
4A single-cell lithium battery charge management integrated circuit
HM4053 HMSEMI-HM4053 Datasheet
543Kb / 11P
4A single-cell lithium battery charge management integrated circuit
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com