Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840U Datasheet (PDF) - KIA Semiconductor Technology

840U Datasheet PDF - KIA Semiconductor Technology
Part # 840U
Download  840U Download
File Size   242.9 Kbytes
Page   7 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 8A 500V N-CHANNEL MOSFET

840U Datasheet (PDF)

Go To PDF Page Download Datasheet
840U Datasheet PDF - KIA Semiconductor Technology

Part # 840U
Download  840U Click to download

File Size   242.9 Kbytes
Page   7 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 8A 500V N-CHANNEL MOSFET

840U Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 840U

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
8A 500V N-channel Enhancement Mode Power MOSFET
logo
WERMA Signaltechnik Gmb...
840 100 00 WERMA-840 100 00 Datasheet
2Mb / 28P
KombiSIGN 50, 70 and 71 Signals for combining
840 200 00 WERMA-840 200 00 Datasheet
2Mb / 28P
KombiSIGN 50, 70 and 71 Signals for combining
840 300 00 WERMA-840 300 00 Datasheet
2Mb / 28P
KombiSIGN 50, 70 and 71 Signals for combining
840 400 00 WERMA-840 400 00 Datasheet
2Mb / 28P
KombiSIGN 50, 70 and 71 Signals for combining
More results


Similar Description - 840U

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
500V, 8A N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
500V, 8A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
8A 500V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com