Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOWF8N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOWF8N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOWF8N50
Download  AOWF8N50 Download
File Size   385.8 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 8A N-Channel MOSFET

AOWF8N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOWF8N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOWF8N50
Download  AOWF8N50 Click to download

File Size   385.8 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 8A N-Channel MOSFET

AOWF8N50 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOWF8N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOWF10N60 AOSMD-AOWF10N60 Datasheet
251Kb / 6P
600V,10A N-Channel MOSFET
AOWF10N65 AOSMD-AOWF10N65 Datasheet
347Kb / 6P
650V,10A N-Channel MOSFET
AOWF10T60P AOSMD-AOWF10T60P Datasheet
539Kb / 6P
600V,10A N-Channel MOSFET
AOWF11C60 AOSMD-AOWF11C60 Datasheet
83Kb / 3P
Plastic Encapsulated Device
AOWF11N60 AOSMD-AOWF11N60 Datasheet
92Kb / 1P
TO362F PACKAGE MARKING DESCRIPTION
More results


Similar Description - AOWF8N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
500V, 8A N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
8A, 500V N-CHANNEL POWER MOSFET
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
8A 500V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
8A 500V N-channel Enhancement Mode Power MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com