Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6115A Datasheet (PDF) - KIA Semiconductor Technology

6115A Datasheet PDF - KIA Semiconductor Technology
Part # 6115A
Download  6115A Download
File Size   554.86 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 12A竊?50V N-CHANNEL MOSFET

6115A Datasheet (PDF)

Go To PDF Page Download Datasheet
6115A Datasheet PDF - KIA Semiconductor Technology

Part # 6115A
Download  6115A Click to download

File Size   554.86 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 12A竊?50V N-CHANNEL MOSFET

6115A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 6115A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6115 ETC2-6115 Datasheet
160Kb / 1P
THE BREADBOARDING MEDIUM FOR SURFACE MOUNT
logo
Connor-Winfield Corpora...
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Wera Tools
6115 WERA-6115 Datasheet
451Kb / 3P
160 i VDE Insulated screwdriver for slotted screws, 0.8 x 4.0 x 100 mm
02.08.2018
logo
Connor-Winfield Corpora...
6115-20.00M CONNOR-WINFIELD-6115-20.00M Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Tyco Electronics
611510 MACOM-611510 Datasheet
34Kb / 1P
COVER CAP 2 POSN
More results


Similar Description - 6115A

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
10N65H KIA-10N65H Datasheet
300Kb / 5P
10A竊?50V N-CHANNEL MOSFET
12N60H KIA-12N60H Datasheet
451Kb / 7P
12A竊?00V N-CHANNEL MOSFET
12N65H KIA-12N65H Datasheet
316Kb / 5P
12A竊?50V N-CHANNEL MOSFET
6N65H KIA-6N65H Datasheet
281Kb / 5P
5.5A竊?50V N-CHANNEL MOSFET
65R190 KIA-65R190 Datasheet
450Kb / 6P
20A竊?50V N-CHANNEL MOSFET
65R300 KIA-65R300 Datasheet
380Kb / 6P
15A竊?50V N-CHANNEL MOSFET
65R420 KIA-65R420 Datasheet
461Kb / 6P
11A竊?50V N-CHANNEL MOSFET
65R950 KIA-65R950 Datasheet
558Kb / 6P
5A竊?50V N-CHANNEL MOSFET
6110A KIA-6110A Datasheet
344Kb / 5P
12A竊?00V N-CHANNEL MOSFET
7115A KIA-7115A Datasheet
312Kb / 5P
20A竊?50V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com