Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7115A Datasheet (PDF) - KIA Semiconductor Technology

7115A Datasheet PDF - KIA Semiconductor Technology
Part # 7115A
Download  7115A Download
File Size   312.91 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 20A竊?50V N-CHANNEL MOSFET

7115A Datasheet (PDF)

Go To PDF Page Download Datasheet
7115A Datasheet PDF - KIA Semiconductor Technology

Part # 7115A
Download  7115A Click to download

File Size   312.91 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 20A竊?50V N-CHANNEL MOSFET

7115A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 7115A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7115 ETC1-7115 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Connor-Winfield Corpora...
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Pomona Electronics
7115 POMONA-7115 Datasheet
90Kb / 1P
XLR D Square Flanged Panel Receptacle
logo
Time Electronics Ltd.
7115 TIME-ELECTRONICS-7115 Datasheet
2Mb / 2P
8100 Instrumentation Test Stand
02/21
7115 TIME-ELECTRONICS-7115 Datasheet
378Kb / 1P
7115 Contamination Trap
04/20
More results


Similar Description - 7115A

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
10N65H KIA-10N65H Datasheet
300Kb / 5P
10A竊?50V N-CHANNEL MOSFET
12N65H KIA-12N65H Datasheet
316Kb / 5P
12A竊?50V N-CHANNEL MOSFET
20N40H KIA-20N40H Datasheet
445Kb / 7P
20A竊?00V N-CHANNEL MOSFET
20N50H KIA-20N50H Datasheet
235Kb / 5P
20A竊?00V N-CHANNEL MOSFET
6N65H KIA-6N65H Datasheet
281Kb / 5P
5.5A竊?50V N-CHANNEL MOSFET
65R190 KIA-65R190 Datasheet
450Kb / 6P
20A竊?50V N-CHANNEL MOSFET
65R300 KIA-65R300 Datasheet
380Kb / 6P
15A竊?50V N-CHANNEL MOSFET
65R420 KIA-65R420 Datasheet
461Kb / 6P
11A竊?50V N-CHANNEL MOSFET
65R950 KIA-65R950 Datasheet
558Kb / 6P
5A竊?50V N-CHANNEL MOSFET
7160A KIA-7160A Datasheet
401Kb / 8P
20A竊?00V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com