Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08065A Datasheet (PDF) - KIA Semiconductor Technology

08065A Datasheet PDF - KIA Semiconductor Technology
Part # 08065A
Download  08065A Download
File Size   66.56 Kbytes
Page   3 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 8A竊?50V Silicon Carbide Diode

08065A Datasheet (PDF)

Go To PDF Page Download Datasheet
08065A Datasheet PDF - KIA Semiconductor Technology

Part # 08065A
Download  08065A Click to download

File Size   66.56 Kbytes
Page   3 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 8A竊?50V Silicon Carbide Diode

08065A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 08065A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0806500700 ETC2-0806500700 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0806500900 ETC2-0806500900 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0806501100 ETC2-0806501100 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0806501300 ETC2-0806501300 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0806501600 ETC2-0806501600 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 08065A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
KIA Semiconductor Techn...
06065A KIA-06065A Datasheet
64Kb / 3P
6A竊?50V Silicon Carbide Diode
10065A KIA-10065A Datasheet
64Kb / 3P
10A竊?50V Silicon Carbide Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rectron Semiconductor
SC3S06508A RECTRON-SC3S06508A Datasheet
467Kb / 5P
650V/8A Silicon Carbide Power Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com