Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10065A Datasheet (PDF) - KIA Semiconductor Technology

10065A Datasheet PDF - KIA Semiconductor Technology
Part # 10065A
Download  10065A Download
File Size   64.4 Kbytes
Page   3 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 10A竊?50V Silicon Carbide Diode

10065A Datasheet (PDF)

Go To PDF Page Download Datasheet
10065A Datasheet PDF - KIA Semiconductor Technology

Part # 10065A
Download  10065A Click to download

File Size   64.4 Kbytes
Page   3 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 10A竊?50V Silicon Carbide Diode

10065A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 10065A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
10065 ROITHNER-10065 Datasheet
209Kb / 2P
4o LED Optic
logo
Heyco.
10065 HEYCO-10065 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ATGBICS by Approved Tec...
10065-C ATGBICS-10065-C Datasheet
184Kb / 7P
10065 Extreme Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
Weidmuller
1006530000 WEIDMULLER-1006530000 Datasheet
359Kb / 7P
BLT 5.08HC/05/180 SN OR PRT K01
1006540000 WEIDMULLER-1006540000 Datasheet
359Kb / 7P
BLT 5.08HC/05/180 SN OR PRT K02
More results


Similar Description - 10065A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C30 SSDI-SSR10C30 Datasheet
142Kb / 2P
10A / 300V Schottky Silicon Carbide
logo
KIA Semiconductor Techn...
10N65H KIA-10N65H Datasheet
300Kb / 5P
10A竊?50V N-CHANNEL MOSFET
06065A KIA-06065A Datasheet
64Kb / 3P
6A竊?50V Silicon Carbide Diode
08065A KIA-08065A Datasheet
66Kb / 3P
8A竊?50V Silicon Carbide Diode
KNX6165A KIA-KNX6165A Datasheet
184Kb / 7P
10A竊?50V N-CHANNEL MOSFET
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rectron Semiconductor
SC2S17010A RECTRON-SC2S17010A Datasheet
460Kb / 5P
1700V/ 10ASiliconCarbidePowerSchottkyBarrierDiode
SC3S06510A RECTRON-SC3S06510A Datasheet
384Kb / 5P
650V/10ASiliconCarbidePowerSchottkyBarrierDiode
SC3S12010A RECTRON-SC3S12010A Datasheet
322Kb / 5P
1200V/10A Silicon Carbide Power Schottky Barrier Diode
SC3S12010B RECTRON-SC3S12010B Datasheet
572Kb / 5P
1200V/10A Silicon Carbide Power Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com