Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C08 Datasheet (PDF) - List of Unclassifed Manufacturers

24C08 Datasheet PDF - List of Unclassifed Manufacturers
Part # 24C08
Download  24C08 Download
File Size   45.63 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM

24C08 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C08 Datasheet PDF - List of Unclassifed Manufacturers

Part # 24C08
Download  24C08 Click to download

File Size   45.63 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM

24C08 Datasheet (HTML) - List of Unclassifed Manufacturers


24C08 Product details

DESCRIPTION:

The Turbo IC 24C08 is a serial 8K EEPROM fabricated with Turbo’s proprietary, high reliability, high performance CMOS technology. It’s 8K of memory is organized as 1,024 x 8 bits. The memory is configured as 64 pages with each page containing 16 bytes. This device offers significant advantages in low power and low voltage applications.



FEATURES :

• Extended Power Supply Voltage

Single Vcc for Read and Programming

(Vcc = 2.7 V to 5.5 V)

• Low Power (Isb = 2µa @ 5.5 V)

• I²C Bus, 2-Wire Serial Interface

• Support Byte Write and Page Write (16 Bytes)

• Automatic Page write Operation (maximum 10 ms)

Internal Control Timer

Internal Data Latches for 16 Bytes

• High Reliability CMOS Technology with EEPROM Cell

Endurance : 1,000,000 Cycles

Data Retention : 100 Years




Similar Part No. - 24C08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C08 STMICROELECTRONICS-24C08 Datasheet
125Kb / 16P
8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
logo
Microchip Technology
24C08 MICROCHIP-24C08 Datasheet
75Kb / 12P
8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Estek Electronics Co. L...
24C08 ESTEK-24C08 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C08 TGS-24C08 Datasheet
399Kb / 15P
Two-wire Serial EEPROM
logo
ATMEL Corporation
24C08 ATMEL-24C08 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Similar Description - 24C08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
24C64 ETC-24C64 Datasheet
46Kb / 8P
CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Rohm
BR93L56 ROHM-BR93L56 Datasheet
634Kb / 42P
128 X 16 bIT Electrically Erasable Programmable ROM
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
List of Unclassifed Man...
24C01 ETC1-24C01 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com