Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C08 Datasheet (PDF) - Microchip Technology

24C08 Datasheet PDF - Microchip Technology
Part # 24C08
Download  24C08 Download
File Size   75.05 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 5.0V I 2 C O Serial EEPROMs

24C08 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C08 Datasheet PDF - Microchip Technology

Part # 24C08
Download  24C08 Click to download

File Size   75.05 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 5.0V I 2 C O Serial EEPROMs

24C08 Datasheet (HTML) - Microchip Technology


24C08 Product details

DESCRIPTION

The Microchip Technology Inc. 24C08B/16B is an 8K or 16K bit Electrically Erasable PROM intended for use in extended/automotive temperature ranges. The device is organized as four or eight blocks of 256 x 8-bit memory with a 2-wire serial interface. The 24C08B/16B also has a page-write capability for up to 16 bytes of data. The 24C08B/16B is available in the standard 8-pin DIP and both 8-lead and 14-lead surface mount SOIC packages.



FEATURES

• Single supply with operation from 4.5-5.5V

• Low power CMOS technology

   - 1 mA active current typical

   - 10 µA standby current typical at 5.5V

• Organized as 4 or 8 blocks of 256 bytes

   (4 x 256 x 8) or (8 x 256 x 8)

• 2-wire serial interface bus, I2C compatible

• Schmitt trigger, filtered inputs for noise suppression

• Output slope control to eliminate ground bounce

• 100 kHz compatibility

• Self-timed write cycle (including auto-erase)

• Page-write buffer for up to 16 bytes

• 2 ms typical write cycle time for page-write

• Hardware write protect for entire memory

• Can be operated as a serial ROM

• ESD protection > 4,000V

• 1,000,000 ERASE/WRITE cycles guaranteed

• Data retention > 200 years

• 8-pin DIP, 8-lead or 14-lead SOIC packages

• Available for extended temperature range

   - Automotive (E): -40˚C to +125˚C



 




Similar Part No. - 24C08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C08 STMICROELECTRONICS-24C08 Datasheet
125Kb / 16P
8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
logo
List of Unclassifed Man...
24C08 ETC1-24C08 Datasheet
45Kb / 8P
CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C08 ESTEK-24C08 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C08 TGS-24C08 Datasheet
399Kb / 15P
Two-wire Serial EEPROM
logo
ATMEL Corporation
24C08 ATMEL-24C08 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Similar Description - 24C08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
16K 1.8V I 2 C O Serial EEPROM
1996
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
4K/8K 2.5V I 2 C Serial EEPROMs
2007
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
10/26/12
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com