Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A Datasheet (PDF) - Microchip Technology

24C01A Datasheet PDF - Microchip Technology
Part # 24C01A
Download  24C01A Download
File Size   77.6 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K/4K 5.0V I 2 C O Serial EEPROMs

24C01A Datasheet (PDF)

Go To PDF Page Download Datasheet
24C01A Datasheet PDF - Microchip Technology

Part # 24C01A
Download  24C01A Click to download

File Size   77.6 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K/4K 5.0V I 2 C O Serial EEPROMs

24C01A Datasheet (HTML) - Microchip Technology


24C01A Product details

DESCRIPTION
The Microchip Technology Inc. 24C01A/02A/04A is a 1K/2K/4K bit Electrically Erasable PROM. The device is organized as shown, with a standard two wire serial interface. Advanced CMOS technology allows a signif icant reduction in power over NMOS serial devices. A special feature in the 24C02A and 24C04A provides hardware write protection for the upper half of the block. The 24C01A and 24C02A have a page write capability of two bytes and the 24C04A has a page length of eight bytes. Up to eight 24C01A or 24C02A devices and up to four 24C04A devices may be connected to the same two wire bus.

FEATURES
• Low power CMOS technology
• Hardware write protect
• Two wire serial interface bus, I2C compatible
• 5.0V only operation
• Self-timed write cycle (including auto-erase)
• Page-write buffer
• 1ms write cycle time for single byte
• 1,000,000 Erase/Write cycles guaranteed
• Data retention >200 years
• 8-pin DIP/SOIC packages
• Available for extended temperature ranges
   - Commercial (C): 0˚C to +70˚C
   - Industrial (I): -40˚C to +85˚C
   - Automotive (E): -40˚C to +125˚C




Similar Part No. - 24C01A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C01A ATMEL-24C01A Datasheet
257Kb / 20P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Similar Description - 24C01A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
8K/16K 5.0V I 2 C O Serial EEPROMs
1996
24LC01B MICROCHIP-24LC01B Datasheet
451Kb / 12P
1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
2009
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com