Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A Datasheet(PDF) 2 Page - Microchip Technology

Part # 24C01A
Description  1K/2K/4K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01A Datasheet(HTML) 2 Page - Microchip Technology

  24C01A Datasheet HTML 1Page - Microchip Technology 24C01A Datasheet HTML 2Page - Microchip Technology 24C01A Datasheet HTML 3Page - Microchip Technology 24C01A Datasheet HTML 4Page - Microchip Technology 24C01A Datasheet HTML 5Page - Microchip Technology 24C01A Datasheet HTML 6Page - Microchip Technology 24C01A Datasheet HTML 7Page - Microchip Technology 24C01A Datasheet HTML 8Page - Microchip Technology 24C01A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24C01A/02A/04A
DS11183D-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature ..................................... -65˚C to +150˚C
Ambient temp. with power applied ................ -65˚C to +125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
A0
No Function for 24C04A only, Must
be connected to VCC or VSS
A0, A1, A2
Chip Address Inputs
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
TEST
(24C01A only) VCC or VSS
WP
Write Protect Input
VCC
+5V Power Supply
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +5V (
±10%)
Commercial (C): Tamb = 0
°C to +70°C
Industrial (I):
Tamb = -40
°C to +85°C
Automotive (E):
Tamb = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
VCC detector threshold
VTH
2.8
4.5
V
SCL and SDA pins:
High level input voltage
Low level input voltage
Low level output voltage
VIH
VIL
VOL
VCC x 0.7
-0.3
VCC + 1
VCC x 0.3
0.4
V
V
VIOL = 3.2 mA (SDA only)
A1 & A2 pins:
High level input voltage
Low level input voltage
VIH
VIL
VCC - 0.5
-0.3
VCC + 0.5
0.5
V
V
Input leakage current
ILI
—10
µAVIN = 0V to VCC
Output leakage current
ILO
—10
µAVOUT = 0V to VCC
Pin capacitance
(all inputs/outputs)
CIN,
COUT
7.0
pF
VIN/VOUT = 0V (Note)
Tamb = +25˚C, f = 1 MHz
Operating current
ICC Write
3.5
mA
FCLK = 100 kHz, program cycle time = 1 ms,
Vcc = 5V, Tamb = 0˚C to +70˚C
ICC Write
4.25
mA
FCLK = 100 kHz, program cycle time = 1 ms,
Vcc = 5V, Tamb = (I) and (E)
ICC
Read
750
µAVCC = 5V, Tamb= (C), (I) and (E)
Standby current
ICCS
100
µA
SDA=SCL=VCC=5V (no PROGRAM active)
Note: This parameter is periodically sampled and not 100% tested
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com