Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C76 Datasheet (PDF) - Microchip Technology

93C76 Datasheet PDF - Microchip Technology
Part # 93C76
Download  93C76 Download
File Size   84.69 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 5.0V Microwire Serial EEPROM

93C76 Datasheet (PDF)

Go To PDF Page Download Datasheet
93C76 Datasheet PDF - Microchip Technology

Part # 93C76
Download  93C76 Click to download

File Size   84.69 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 5.0V Microwire Serial EEPROM

93C76 Datasheet (HTML) - Microchip Technology


93C76 Product details

DESCRIPTION
The Microchip Technology Inc. 93C76/86 are 8K and 16K low voltage serial Electrically Erasable PROMs. The device memory is configured as x8 or x16 bits depending on the ORG pin setup. Advanced CMOS technology makes these devices ideal for low power non-volatile memory applications. These devices also have a Program Enable (PE) pin to allow the user to write protect the entire contents of the memory array. The 93C76/86 is available in standard 8-pin DIP and 8-pin surface mount SOIC packages.

FEATURES
• Single 5.0V supply
• Low power CMOS technology
   - 1 mA active current typical
• ORG pin selectable memory configuration
   1024 x 8- or 512 x 16-bit organization (93C76)
   2048 x 8- or 1024 x 16-bit organization (93C86)
• Self-timed ERASE and WRITE cycles (including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device status signal during ERASE/WRITE cycles
• Sequential READ function
• 10,000,000 ERASE/WRITE cycles guaranteed
• Data retention > 200 years
• 8-pin PDIP/SOIC package
• Temperature ranges supported
   - Commercial (C): 0°C to +70°C
   - Industrial -40°C to +85°C
   - Automotive (E) -40°C to +125°C




Similar Part No. - 93C76

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76-/P MICROCHIP-93C76-/P Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93C76-/SN MICROCHIP-93C76-/SN Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93C76-E/P MICROCHIP-93C76-E/P Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93C76-E/SN MICROCHIP-93C76-E/SN Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93C76-I/P MICROCHIP-93C76-I/P Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
More results


Similar Description - 93C76

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
8K/16K 1.8V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
8K/16K 1.8V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2010
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
10/26/12
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com