Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C76 Datasheet(PDF) 8 Page - Microchip Technology

Part # 93C76
Description  8K/16K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93C76 Datasheet HTML 4Page - Microchip Technology 93C76 Datasheet HTML 5Page - Microchip Technology 93C76 Datasheet HTML 6Page - Microchip Technology 93C76 Datasheet HTML 7Page - Microchip Technology 93C76 Datasheet HTML 8Page - Microchip Technology 93C76 Datasheet HTML 9Page - Microchip Technology 93C76 Datasheet HTML 10Page - Microchip Technology 93C76 Datasheet HTML 11Page - Microchip Technology 93C76 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
93C76/86
DS21132C-page 8
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 3-5:
WRITE
FIGURE 3-6:
WRAL
FIGURE 3-7:
ERASE
101
AN
A0
...
DN
...
D0
TWC
READY
BUSY
HIGH IMPEDANCE
CS
CLK
DI
DO
STANDBY
TCZ
Guarantee at Vcc = +4.5V to +5.5V.
10001
X
...
XDN
...
D0
BUSY
READY
HIGH IMPEDANCE
STANDBY
CS
CLK
DI
DO
ORG=VCC, 8 X’s
ORG=VSS, 9 X’s
TWL
TCZ
11
1AN
...
A0
TCZ
HIGH IMPEDANCE
CS
CLK
DI
DO
STANDBY
READY
BUSY
TWC
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com