Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C08 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24C08
Description  8K/16K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C08 Datasheet(HTML) 2 Page - Microchip Technology

  24C08 Datasheet HTML 1Page - Microchip Technology 24C08 Datasheet HTML 2Page - Microchip Technology 24C08 Datasheet HTML 3Page - Microchip Technology 24C08 Datasheet HTML 4Page - Microchip Technology 24C08 Datasheet HTML 5Page - Microchip Technology 24C08 Datasheet HTML 6Page - Microchip Technology 24C08 Datasheet HTML 7Page - Microchip Technology 24C08 Datasheet HTML 8Page - Microchip Technology 24C08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24C08B/16B
DS21081D-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature ..................................... -65˚C to +150˚C
Ambient temp. with power applied ................ -65˚C to +125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
WP
Write Protect Input
VCC
+4.5V to 5.5V Power Supply
A0, A1, A2
No Internal Connection
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +4.5V to +5.5V
Automotive (E): Tamb = -40˚C to +125˚C
Parameter
Symbol
Min
Max
Units
Conditions
WP, SCL and SDA pins:
High level input voltage
VIH
.7 Vcc
—
V
Low Level input voltage
VIL
—
.3 VCC
V
Hysteresis of Schmitt trigger
inputs
VHYS
.05 Vcc
—
V
(Note)
Low level output voltage
VOL
—
.40
V
IOL = 3.0 mA, VCC=4.5V
Input leakage current
ILI
-10
10
µAVIN =.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = .1V to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note 1)
Tamb = 25˚C, FCLK=1 MHz
Operating current
ICC write
ICC read
—
—
3
1
mA
mA
VCC = 5.5V, SCL = 400 kHz
Standby current
ICCS
—
100
µAVCC = 5.5V, SDA = SCL = VCC
Note:
This parameter is periodically sampled and not 100% tested.
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com